データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADE9430 データシート(PDF) 31 Page - Analog Devices

部品番号 ADE9430
部品情報  High Performance, Polyphase Energy, and Class S Power Quality Monitoring IC
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADE9430 データシート(HTML) 31 Page - Analog Devices

Back Button ADE9430 Datasheet HTML 27Page - Analog Devices ADE9430 Datasheet HTML 28Page - Analog Devices ADE9430 Datasheet HTML 29Page - Analog Devices ADE9430 Datasheet HTML 30Page - Analog Devices ADE9430 Datasheet HTML 31Page - Analog Devices ADE9430 Datasheet HTML 32Page - Analog Devices ADE9430 Datasheet HTML 33Page - Analog Devices ADE9430 Datasheet HTML 34Page - Analog Devices ADE9430 Datasheet HTML 35Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
Data Sheet
ADE9430
THEORY OF OPERATION
analog.com
Rev. 0 | 31 of 35
The LP_SEL bits in the ZX_LP_SEL register select which line peri-
od measurement sets the number of samples used in the one cycle
rms measurement. Alternatively, set the UPERIOD_SEL bit in the
CONFIG2 register to set the desired period in the USER_PERIOD
register for line period measurement. An offset correction register
is available for improved performance with small input signal levels,
xRMSONEOS.
The signal chain is shown in Figure 52.
See the ADE9430 Technical Reference Manual for additional infor-
mation.
Figure 52. One Cycle RMS, 10 Cycle RMS, and 12 Cycle RMS Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35