データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

USB5742B/2G データシート(PDF) 12 Page - Microchip Technology

部品番号 USB5742B/2G
部品情報  2-Port SS/HS USB Controller Hub
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB5742B/2G データシート(HTML) 12 Page - Microchip Technology

Back Button USB5742B/2G Datasheet HTML 8Page - Microchip Technology USB5742B/2G Datasheet HTML 9Page - Microchip Technology USB5742B/2G Datasheet HTML 10Page - Microchip Technology USB5742B/2G Datasheet HTML 11Page - Microchip Technology USB5742B/2G Datasheet HTML 12Page - Microchip Technology USB5742B/2G Datasheet HTML 13Page - Microchip Technology USB5742B/2G Datasheet HTML 14Page - Microchip Technology USB5742B/2G Datasheet HTML 15Page - Microchip Technology USB5742B/2G Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
USB5742B
DS00002016H-page 12
 2022 Microchip Technology Inc. and its subsidiaries
Note 2: Configuration strap values are latched on Power-On Reset (POR) and the rising edge of RESET_N (external
chip reset). Configuration straps are identified by an underlined symbol name. Signals that function as con-
figurations traps must be augmented with an external resistor when connected to a load. Refer to Section
3.4, "Configuration Straps and Programmable Functions" for additional information.
1
VBUS_DET
IS
This signal detects the state of the upstream bus power.
When designing a detachable hub, this pin must be connected to the
VBUS power pin of the upstream USB port through a resistor divider
(50 k
 by 100 k) to provide 3.3 V.
For self-powered applications with a permanently attached host, this
pin must be connected to either 3.3 V or 5.0 V through a resistor
divider to provide 3.3 V.
In embedded applications, VBUS_DET may be controlled (toggled)
when the host desires to renegotiate a connection without requiring a
full reset of the device.
GPIO16
I/O6
General purpose input/output 16.
TABLE 3-5:
USB PORT CONTROL PIN DESCRIPTIONS
Num
Pins
Symbol
Buffer
Type
Description
1
PRT_CTL1
I
(PU)
Port 1 Power Enable / Overcurrent Sense.
Note:
If unused, leave floating.
As an output, this signal is an active high control signal used to enable
power to the downstream port 1. As an input, this signal indicates an
overcurrent condition from an external current monitor on USB port 1.
1
PRT_CTL2
I
(PU)
Port 2 Power Enable / Overcurrent Sense.
Note:
If unused, leave floating.
As an output, this signal is an active high control signal used to enable
power to the downstream port 2. As an input, this signal indicates an
overcurrent condition from an external current monitor on USB port 2.
TABLE 3-4:
USB 2.0 PIN DESCRIPTIONS (CONTINUED)
Num
Pins
Symbol
Buffer
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48