| データシートサーチシステム |
|
PCA8530DUG/DAZ データシート(PDF) 62 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA8530DUG/DAZ データシート(HTML) 62 Page - NXP Semiconductors |
|
62 / 103 page ![]() PCA8530 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 2 — 25 September 2014 62 of 103 NXP Semiconductors PCA8530 Automotive 102 x 4 Chip-On-Glass LCD segment driver For a temperature readout (see Section 8.10.4.1 on page 40), the R/W bit must be logic 1. The next data byte following is provided by the PCA8530 as shown in Figure 41. In this example, the bias system is set to 1⁄3. The transfer is terminated by CE returning to logic 1. After the last bit is transmitted, the state of the SDI/SDAIN line is not important. Fig 40. SPI-bus example Fig 41. SPI-bus protocol - read example Data transfers are terminated by de-asserting CE (set CE to logic 1). Fig 42. SPI-bus protocol - write example |