| データシートサーチシステム |
|
PCA8530DUG/DAZ データシート(PDF) 92 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA8530DUG/DAZ データシート(HTML) 92 Page - NXP Semiconductors |
|
92 / 103 page ![]() PCA8530 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 2 — 25 September 2014 92 of 103 NXP Semiconductors PCA8530 Automotive 102 x 4 Chip-On-Glass LCD segment driver Table 57. Description of tray details Tray details are shown in Figure 61. Tray details Dimensions A B CDE F G HJ K L M NO Unit 8 2.5 5.978 1.298 76 68 56 6.75 10 62.5 4.2 2.6 3.2 0.6 mm Number of pockets x direction y direction 826 The orientation of the IC in a pocket with active side up is indicated by the position of pin 1 with respect to the chamfer on the upper left corner of the tray. Fig 62. Die alignment in the tray |