| データシートサーチシステム |
|
PCF8545ATT データシート(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8545ATT データシート(HTML) 18 Page - NXP Semiconductors |
|
18 / 103 page ![]() PCA8530 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 2 — 25 September 2014 18 of 103 NXP Semiconductors PCA8530 Automotive 102 x 4 Chip-On-Glass LCD segment driver 8.4.2 Command: TC-set The TC-set command allows defining six temperature intervals in the operating temperature range from 40 C to +105 C. For each of the temperature intervals, the TC-slope command (see Section 8.4.3) allows setting the temperature coefficient of VLCD. Table 18. TC-set - VLCD temperature compensation set command bit description For this command, the register selection bits have to be set RS[1:0] = 10. Bit Symbol Value Description TC-set-1 -R/W 0 fixed value - RS[1:0] 10 fixed value 7 to 3 - 00111 fixed value 2 to 0 T1T[2:0] 000 to 111 see Table 32 on page 42 TC-set-2 -R/W 0 fixed value - RS[1:0] 10 fixed value 7 to 3 - 01000 fixed value 2 to 0 T2T[2:0] 000 to 111 see Table 32 on page 42 TC-set-3 -R/W 0 fixed value - RS[1:0] 10 fixed value 7 to 3 - 01001 fixed value 2 to 0 T3T[2:0] 000 to 111 see Table 32 on page 42 TC-set-4 -R/W 0 fixed value - RS[1:0] 10 fixed value 7 to 3 - 01010 fixed value 2 to 0 T4T[2:0] 000 to 111 see Table 32 on page 42 |