| データシートサーチシステム |
|
PCF8545ATT データシート(PDF) 60 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8545ATT データシート(HTML) 60 Page - NXP Semiconductors |
|
60 / 103 page ![]() PCA8530 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2014. All rights reserved. Product data sheet Rev. 2 — 25 September 2014 60 of 103 NXP Semiconductors PCA8530 Automotive 102 x 4 Chip-On-Glass LCD segment driver 9.2.8 I2C-bus protocol The I2C-bus protocol is shown in Figure 37. The sequence is initiated with a START condition (S) from the I2C-bus master which is followed by one of the four PCA8530 slave addresses available. All PCA8530 with the corresponding SA1 and SA0 level acknowledge in parallel to the slave address, but all PCA8530 with the alternative SA1 and SA0 levels ignore the whole I2C-bus transfer. After acknowledgement, a control byte follows which defines if the next byte is RAM or command information. The control byte (see Table 42 on page 56) also defines whether the next byte is a control byte or further RAM or command data. For a temperature readout (see Section 8.10.4.1 on page 40), the R/W bit must be logic 1. The next data byte following is provided by the PCA8530 as shown in Figure 38. Fig 37. I2C-bus protocol - write mode Fig 38. I2C-bus protocol - read mode |