データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATLS3A212D データシート(PDF) 5 Page - Analog Technologies, Inc.

部品番号 ATLS3A212D
部品情報  High Voltage Constant Current 3A Laser Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
ホームページ  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS3A212D データシート(HTML) 5 Page - Analog Technologies, Inc.

  ATLS3A212D Datasheet HTML 1Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 2Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 3Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 4Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 5Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 6Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 7Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 8Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 9Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 7/4/2022
Email: staff@analogti.com/sales@analogti.com
5
Analog Technologies
ATLS3A212
High Voltage Constant Current 3A Laser Driver
OPERATION PRINCIPLE
The block diagram of the driver is shown in Figure 3. The
signal from pin 2, SBDN, is sent to a level detector circuit.
As shown in Figure 4, upon detecting signal level between
0V to 0.4V, the shutdown output is activated, it shuts down
the whole laser driver and drive the laser driver into
Shutdown Mode; upon detecting the level to be between
2.1V and 2.4V, the standby signal is activated, it puts the
controller into Standby Mode; when the signal is between
2.6V and above, the controller is driven to Operation Mode.
Figure 4. Input Control
At pin 9, TMO, its value comes from a temperature sensor.
The voltage at this pin reflects the internal temperature of
this driver. The relationship between the output voltage and
the temperature is shown in Figure 5.
There is a temperature protection circuit, upon detecting the
temperature to be >120
°C, it will force the laser driver into
Standby Mode. The laser driver reinitiates the power up
sequence when the junction temperature drops below 110°C.
The voltage reference circuit provides internal voltage
reference for the driver, its output is taken out after a noise
removal circuit at 2.5VR port, pin 5.
At pin 6 and pin 7, there are 2 ports for controlling the
output current: LISL and LISH. First one sets the output
current when PCN, Pulse Control, pin 3, is at low level, 0V
to 0.4V; second sets the output current when PCN pin is at
high level, 1.4V to 4V.
On PCN, pin 3, there is a 10M resistor tied to 4V. Therefore,
if leaving this pin open, it is set to 4V, a high logic level,
thus, LISH is in control. There is a 20k
Ω resistor in series with
a diode, connected between PCN pin and the 4V internal
voltage. When the PCN pin voltage is above 4V, the 20k
resistor pulls down the current on PCN pin. The circuit is
shown at Figure 3. The waveforms of LISH, LISL, PCN and
LIO are shown in Figure 6.
Both LISH and LISL pin set the output current without any
offset voltage, i.e., when LISH or LISL pin voltage is 0V, it
sets the output current to be 0A; when the LISH or LISL
voltage is 2.5V, it sets the output current is 1A. The
relationship between the voltage and the output current is:
IOUT (A) = VLISH (V)/2.5 (V)×3 (A), or
IOUT (A) = VLISL (V)/2.5 (V)×3 (A);
VLISH (V) = IOUT (A)/3 (A)×2.5 (V), or
VLISL (V) = IOUT (A)/3 (A)×2.5 (V),
Where IOUT is the output current of the laser driver, VLISH or
VLISL represents the voltage on the LISH or LISL pin
respectively, in Volts.
The LIO port, pin 8, outputs an analog voltage that is
proportional to the actual output current. When the output
current is 0A, the LIO voltage is 0V; when output current is 3A,
the LIO voltage is 2.5V. The relationship is:
VLIO (V) = IOUT (A)/3 (A)×2.5 (V);
IOUT (A) = VLIO (V)/2.5 (V)×3 (A);
where VLIO is the voltage on the LIO pin.
The waveforms of LIO vs. LISH, LISL and PCN are shown in
Figure 6.
The output stage is designed to achieve low noise, high
efficiency, and relatively high modulation speed. It has an over
current protection circuit. There is a soft start circuit which
increases the output current slowly at the start up time and
shuts down the current quickly.
The LPGD pin indicates the control loop status. When this pin
goes high, >2V, the control loop is working properly, i.e., the
output current equals to the desired value, VLISH or VLISL = VLIO;
when this pin goes low, <0.3V, the laser driver is not working
properly, there might be a short or open circuit at the output, or
the laser driver is protected by the over temperature protection
circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com