データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ATLS3A212D データシート(PDF) 1 Page - Analog Technologies, Inc.

部品番号 ATLS3A212D
部品情報  High Voltage Constant Current 3A Laser Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
ホームページ  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS3A212D データシート(HTML) 1 Page - Analog Technologies, Inc.

  ATLS3A212D Datasheet HTML 1Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 2Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 3Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 4Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 5Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 6Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 7Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 8Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 9Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 7/4/2022
Email: staff@analogti.com/sales@analogti.com
1
Analog Technologies
ATLS3A212
High Voltage Constant Current 3A Laser Driver
Figure 1. Physical Photo of ATLS3A212
FEATURES
Power Supply Voltage VPS Range: 4.5V
∼15V
Full Swing Output Voltage: 0.2VVPS to 0.8VVPS (input
voltage)
Maximum Output Current: 3A
High Efficiency: ≥90% - no heat sink is needed
(IOUT=3A @ VLDA=11V&VVPS=15V)
Wide Modulation Bandwidth: DC
10kHz
Dual Independent Current Set Ports
Direct Digital Modulation Control
Three Control States: Shutdown, Standby and Operation
Low Output Current Noise: < 5.21µAP-P @0.1Hz~10Hz
High Current Stability: <±300µA@3A &−20°C~80°C
Low Output Ripple Voltage: <4mV@500kHz
Fully Shielded
Compact Size: 25.4×20×5 (mm)
100 % Lead (Pb)-free and RoHS Compliant
APPLICATIONS
Driver for one or multiple laser diodes for DPSSL, EDFA,
or fiber lasers with low noise and high efficiency.
DESCRIPTION
This laser driver, ATLS3A212, is an electronic module that has
all the valuable and important, but often contradict features,
simultaneously: Wide input and output voltage range, high
output current capability, high efficiency, low output noise (but
it has a 4mVP-P ripple voltage at 500kHz), wide modulation
bandwidth, and small size. The wide output voltage range,
0.2VVPS to 0.8VVPS, allows driving one or multiple serial laser
diodes at the same time, for up to 3A well controlled current at
high efficiency. The extremely low noise between DC ~10kHz
and low DC current drift make it ideal for driving diode
pumped single mode laser diodes to achieve mode-hop-free
and narrow optical wavelength drift, thus, long coherent length.
Because of the high efficiency, the laser driver generates small
amount of heat, thus, no heat sink is necessary for normal
operation. The fully shielded case blocks all the incoming and
outgoing EMIs (Electro-Magnet Interferences). Therefore, this
laser will not interfere with other surrounding electronics, nor
will be interfered by them. The small package saves valuable
PCB space in laser systems. Figure 1 shows physical photo of
the ATLS3A212.
This laser driver has two current set ports digitally controlled to
switch between them for setting the output current. This feature
allows modulating the laser digitally with 2 preset current
values.
The actual laser current and laser driver temperature are
monitored by dedicated ports. In case the laser driver
temperature exceeds the limit, 120
°C, the laser driver will shut
down the output stage by itself and force the laser drive into
Standby Mode. There is a loop good indication output to tell if
the laser driver works ok.
The laser driver has 3 states: Operation, Standby and Shutdown.
Under Standby mode, all the laser driver components work
except the output stage, see Figure 4. Under Shutdown mode,
all the components of the laser driver stop working and the
power supply current is reduced to < 3µA.
This laser driver generates a high accuracy high stability low
noise, 5µVp-p, 3µVRMS, <8ppm/
°C, 2.5V<±2mV, voltage
reference output which can be used for setting the output
current and also be used as the reference voltage for the ADCs
(Analog to Digital Converters) and/or DACs (Digital to Analog
Converters).
The ATLS3A212 uses a constant frequency high efficiency
PWM output stage. Its switching signal is taken out through a
buffer at the SYNO port, pin 14, which can be used by other
switch mode electronics as the trigger signal to avoid
frequency beating interference, if the free-run frequency is near
to 500kHz.


同様の部品番号 - ATLS3A212D

メーカー部品番号データシート部品情報
logo
Analog Technologies, In...
ATLS3A212DHS ANALOGTECHNOLOGIES-ATLS3A212DHS Datasheet
1Mb / 16P
High Voltage Constant Current 3A Laser Driver
7/4/2022
More results

同様の説明 - ATLS3A212D

メーカー部品番号データシート部品情報
logo
Analog Technologies, In...
ATLS2A212D ANALOGTECHNOLOGIES-ATLS2A212D Datasheet
1Mb / 16P
High Voltage Constant Current 2A Laser Driver
7/4/2022
ATLS2A212DHS ANALOGTECHNOLOGIES-ATLS2A212DHS Datasheet
1Mb / 16P
High Voltage Constant Current 2A Laser Driver
7/4/2022
ATLS3A212DHS ANALOGTECHNOLOGIES-ATLS3A212DHS Datasheet
1Mb / 16P
High Voltage Constant Current 3A Laser Driver
7/4/2022
ATLS10A216D ANALOGTECHNOLOGIES-ATLS10A216D Datasheet
990Kb / 13P
High Voltage Constant Current 10A Laser Driver
7/4/2022
ATLS12A216D ANALOGTECHNOLOGIES-ATLS12A216D Datasheet
900Kb / 14P
High Voltage Constant Current 12A Laser Driver
6/28/2022
ATLS4A217D ANALOGTECHNOLOGIES-ATLS4A217D Datasheet
601Kb / 14P
High Voltage Constant Current 4A Laser Driver
1/24/2022
ATLS500MA212D ANALOGTECHNOLOGIES-ATLS500MA212D Datasheet
1Mb / 15P
High Voltage Constant Current 500mA Laser Driver
7/4/2022
ATLS500MA212DHS ANALOGTECHNOLOGIES-ATLS500MA212DHS Datasheet
1Mb / 16P
High Voltage Constant Current 500mA Laser Driver
7/4/2022
ATLS6A214D ANALOGTECHNOLOGIES-ATLS6A214D Datasheet
1,009Kb / 16P
High Voltage Constant Current 6A Laser Driver
7/4/2022
ATLS8A216D ANALOGTECHNOLOGIES-ATLS8A216D Datasheet
935Kb / 13P
High Voltage Constant Current 8A Laser Driver
7/4/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com