データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM3406E3R データシート(PDF) 4 Page - AiT Semiconductor Inc.

部品番号 AM3406E3R
部品情報  MOSFET 30V N-CHANNEL ENHANCEMENT MODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AITSEMI [AiT Semiconductor Inc.]
ホームページ  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AM3406E3R データシート(HTML) 4 Page - AiT Semiconductor Inc.

  AM3406E3R Datasheet HTML 1Page - AiT Semiconductor Inc. AM3406E3R Datasheet HTML 2Page - AiT Semiconductor Inc. AM3406E3R Datasheet HTML 3Page - AiT Semiconductor Inc. AM3406E3R Datasheet HTML 4Page - AiT Semiconductor Inc. AM3406E3R Datasheet HTML 5Page - AiT Semiconductor Inc. AM3406E3R Datasheet HTML 6Page - AiT Semiconductor Inc. AM3406E3R Datasheet HTML 7Page - AiT Semiconductor Inc. AM3406E3R Datasheet HTML 8Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AM3406
MOSFET
30V N-CHANNEL ENHANCEMENT MODE
REV2.0
- MAR 2011 RELEASED, APR 2019 UPDATED -
- 4 -
ELECTRICAL CHARACTERISTICS
TA = 25℃, unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static Parameters
Drain-Source Breakdown
Voltage
BVDSS
VGS=0V, ID=250μA
30
-
-
V
Gate Threshold Voltage
VGS(th)
VDS=VGS, ID=250μA
1
1.5
2
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
-
-
±100
nA
Zero Gate Voltage Drain
Current
IDSS
VDS=30V,VGS=0V, TJ=25°C
-
-
1
μA
VDS=24V,VGS=0V, TJ=75°C
-
-
10
Drain-Source On-Resistance
RDS(ON)
VGS=10V,ID=6.7A
-
18
22
VGS=4.5V,ID=4.8A
-
23
30
VGS=3.5V,ID=2A
-
27
34
Forward Transconductance
GFS
VDS=15V, ID=6A
-
6
-
S
Diode Characteristics
Diode Forward Voltage
VSD
IS=1A,VGS=0V
-
0.7
1.0
V
Continuous Source Current
IS
-
-
6.7
A
Reverse Recovery Time
trr
IS=6A, dl/dt=100A/μs,
TJ=25°C
-
20
-
ns
Reverse Recovery Charge
Qrr
-
1.2
-
nC
Dynamic and Switching Parameters
Total Gate Charge
Qg
VDS=15V, VGS=10V
ID=6A
-
12.7
17.8
nC
Total Gate Charge(4.5V)
Qg
-
6.2
8.7
Gate-Source Charge
Qgs
-
2.4
3.4
Gate-Drain Charge
Qgd
-
2
2.8
Input Capacitance
Ciss
VDS=15V, VGS=0V
f=1MHz
-
550
-
pF
Output Capacitance
Coss
-
78
-
Reverse Transfer Capacitance
Crss
-
62
-
Gate Resistance
Rg
VGS=0V, VDS=0V, f=1MHz
-
2.4
-
Ω
Turn-On Time
td(on)
VDD=15V, VGEN=10V,
RG=6Ω, ID=1A
-
2.5
5
ns
tr
-
7.6
14
Turn-Off Time
td(off)
-
19.8
38
tf
-
4.2
8
NOTE1: Pulsed width limited by maximum junction temperature, TJ(MAX)=150°C.
NOTE2: Measure the value in a still air environment at TA=25°C, using an installation mounted on a 1 in2 FR-4 board, maximum junction
temperature TJ(MAX)=150°C.
NOTE3: TJ(MAX)=150°C,using junction-to-case thermal resistance (RθJC) is more useful in additional heat sinking is used.



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com