データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PR01 データシート(PDF) 16 Page - Vishay Siliconix

部品番号 PR01
部品情報  Power Metal Film Leaded Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PR01 データシート(HTML) 16 Page - Vishay Siliconix

Back Button PR01 Datasheet HTML 12Page - Vishay Siliconix PR01 Datasheet HTML 13Page - Vishay Siliconix PR01 Datasheet HTML 14Page - Vishay Siliconix PR01 Datasheet HTML 15Page - Vishay Siliconix PR01 Datasheet HTML 16Page - Vishay Siliconix PR01 Datasheet HTML 17Page - Vishay Siliconix PR01 Datasheet HTML 18Page - Vishay Siliconix PR01 Datasheet HTML 19Page - Vishay Siliconix PR01 Datasheet HTML 20Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
PR01, PR02, PR03
www.vishay.com
Vishay BCcomponents
Revision: 11-Jul-2018
16
Document Number: 28729
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
4.23
Climatic sequence:
4.23.2
2 (Ba)
Dry heat
200 °C; 16 h
Rins min.: 103 M
R
max.: ± (1.5 % R + 0.1 )
4.23.3
30 (Db)
Damp heat,
cyclic
55 °C; 24 h;
90 % to 100 % RH; 1 cycle
4.23.4
1 (Aa)
Cold
-55 °C; 2 h
4.23.5
13 (M)
Low air pressure
8.5 kPa; 2 h;
15 °C to 35 °C
4.23.6
30 (Db)
Damp heat,
cyclic
55 °C; 5 days;
95 % to 100 % RH; 5 cycles
4.24
78 (Cab)
Damp heat
(steady state)
(40 ± 2) °C; 56 days;
(93 ± 3 )% RH
R
max.: ± (3 % R + 0.1 )
4.25.1
-
Endurance
(at 70 °C)
U =
or U = Umax.;
1.5 h on; 0.5 h off; 70 °C; 1000 h
R
max.: ± (5 % R + 0.1 )
4.26
-
Active flammability
Accidental overload test
No damage,
no flamming of gauze cylinder
4.29
45 (Xa)
Component solvent
resistance
Isopropyl alcohol (used in industrial application)
+23 °C; toothbrush method
Marking legible; no visible damage
4.35
-
Passive flammability
Needle flame test
No ignition of product,
no ignition of under layer
burning time is less than 30 s
TEST PROCEDURES AND REQUIREMENTS
IEC
60115-1
CLAUSE
IEC
60068-2-
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS PERMISSIBLE
CHANGE
(
R
max.)
P
70 x R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com