データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PR01 データシート(PDF) 18 Page - Vishay Siliconix

部品番号 PR01
部品情報  Power Metal Film Leaded Resistors
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PR01 データシート(HTML) 18 Page - Vishay Siliconix

Back Button PR01 Datasheet HTML 12Page - Vishay Siliconix PR01 Datasheet HTML 13Page - Vishay Siliconix PR01 Datasheet HTML 14Page - Vishay Siliconix PR01 Datasheet HTML 15Page - Vishay Siliconix PR01 Datasheet HTML 16Page - Vishay Siliconix PR01 Datasheet HTML 17Page - Vishay Siliconix PR01 Datasheet HTML 18Page - Vishay Siliconix PR01 Datasheet HTML 19Page - Vishay Siliconix PR01 Datasheet HTML 20Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
PR01, PR02, PR03
www.vishay.com
Vishay BCcomponents
Revision: 11-Jul-2018
18
Document Number: 28729
For technical questions, contact: filmresistorsleaded@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PR01, PR02 WITH RADIAL TAPING
PR01 - Height for insertion (max.) = 32 mm
PR02 - Height for insertion (max.) = 29 mm
MARKING
The nominal resistance and tolerance are marked on the resistor using four or five colored bands in accordance with IEC 60062,
marking codes for resistors and capacitors.
P
P
2
W
W
0
D
0
P
1
P
0
L
1
L
F
H
0
H
1
H
α = 30° to 40°
α
α
a
a
DIMENSIONS in millimeters
Pitch of components
P
12.7 ± 1.0
Feed-hole pitch
P0
12.7 ± 0.2
Feed-hole centre to lead
at topside at the tape
P1
3.85 ± 0.5
Feed-hole center to body center
P2
6.35 ± 1.0
Lead spacing
F
4.8 +0.7/-0
Width of carrier tape
W
18.0 ± 0.5
Minimum hold down tape width
W0
5.5
Height for insertion (max.)
H1
32
Lead wire clinch height
H0
16.5 ± 0.5
Body to hole center
H
19.5 ± 1
Feed-hole diameter
D0
4.0 ± 0.2
Height for cutting (max.)
L
11.0
Minimum lead wire (tape portion)
shortest lead
L1
2.5
P
P
2
W
W
0
D
0
P
1
P
0
L
1
L
F
H
0
H
1
H
α = 30° to 40°
α
α
a
a
DIMENSIONS in millimeters
Pitch of components
P
12.7 ± 1.0
Feed-hole pitch
P0
12.7 ± 0.2
Feed-hole centre to lead
at topside at the tape
P1
3.85 ± 0.5
Feed-hole center to body center
P2
6.35 ± 1.0
Lead spacing
F
4.8 +0.7/-0
Width of carrier tape
W
18.0 ± 0.5
Minimum hold down tape width
W0
5.5
Height for insertion (max.)
H1
29
Lead wire clinch height
H0
16.5 ± 0.5
Body to hole center
H
19.5 ± 1
Feed-hole diameter
D0
4.0 ± 0.2
Height for cutting (max.)
L
11.0
Minimum lead wire (tape portion)
shortest lead
L1
2.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com