データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CC400-RTR2 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 CC400-RTR2
部品情報  Single Chip High Performance RF Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CC400-RTR2 データシート(HTML) 4 Page - Texas Instruments

  CC400-RTR2 Datasheet HTML 1Page - Texas Instruments CC400-RTR2 Datasheet HTML 2Page - Texas Instruments CC400-RTR2 Datasheet HTML 3Page - Texas Instruments CC400-RTR2 Datasheet HTML 4Page - Texas Instruments CC400-RTR2 Datasheet HTML 5Page - Texas Instruments CC400-RTR2 Datasheet HTML 6Page - Texas Instruments CC400-RTR2 Datasheet HTML 7Page - Texas Instruments CC400-RTR2 Datasheet HTML 8Page - Texas Instruments CC400-RTR2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
CC400
SWRS050
Page 4 of 32
1.
Absolute Maximum Ratings
The absolute maximum ratings given in Table 1 must under no circumstances be violated.
Stress exceeding one or more of the limiting values may cause permanent damage to the
device.
Parameter
Min.
Max.
Units
Condition
Supply voltage, VDD
-0.3
7.0
V
Voltage on any pin
-0.3
VDD+0.3,
max 7.0
V
Input RF level
10
dBm
Storage temperature range
-50
150
°C
Reflow solder temperature
260
°C
T = 10 s
Table 1: Absolute Maximum Ratings
Caution!
ESD
sensitive
device.
Precaution should be used when handling
the device in order to prevent permanent
damage.
2.
Operating Conditions
The operating conditions for
CC400 are listed in Table 2 below.
Parameter
Min.
Max.
Units
Condition
Operating ambient temperature
-30
85
°C
Table 2: Operating Conditions
3.
Electrical Specifications
Tc = 25°C, VDD = 3.0V if nothing else stated. Measured on Chipcon’s
CC400DB reference
design.
Parameter
Min.
Typ.
Max.
Unit
Condition
Supply voltage
2.7
3.0
3.3
V
V
Recommended operation voltage
Operating limits
Current Consumption,
receive mode
23
mA
Current Consumption,
average in receive mode using
polling
230
µA
1:100 receive to power down ratio
Current Consumption,
transmit mode:
P=1 mW (0 dBm)
P=4 mW (6 dBm)
P=10 mW (10 dBm)
P=20 mW (13 dBm)
P=25 mW (14 dBm)
33
44
59
68
77
mA
mA
mA
mA
mA
The output power is delivered to
a 50
Ω load
Current Consumption,
Power Down
23
0.2
2
µA
µA
Oscillator core on
Oscillator core off
Table 3: Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com