データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CC400-RTR2 データシート(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
部品番号 CC400-RTR2
部品情報  Single Chip High Performance RF Transceiver
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CC400-RTR2 データシート(HTML) 15 Page - Texas Instruments

Back Button CC400-RTR2 Datasheet HTML 11Page - Texas Instruments CC400-RTR2 Datasheet HTML 12Page - Texas Instruments CC400-RTR2 Datasheet HTML 13Page - Texas Instruments CC400-RTR2 Datasheet HTML 14Page - Texas Instruments CC400-RTR2 Datasheet HTML 15Page - Texas Instruments CC400-RTR2 Datasheet HTML 16Page - Texas Instruments CC400-RTR2 Datasheet HTML 17Page - Texas Instruments CC400-RTR2 Datasheet HTML 18Page - Texas Instruments CC400-RTR2 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
CC400
SWRS050
Page 15 of 32
Item
Description
C10
1 nF, X7R, 0603
C11
33 nF, X7R, 0603
C12
4.7 nF, NP0, 1206
C24
33 pF, NP0, 0603
C25
220 pF, NP0, 0603
C51
220 pF, NP0, 0603
C61
12 pF, NP0, 0603
C91
4.7 pF, NP0, 06035
C92
8.2 pF, NP0, 0603
C93
3.9 pF, NP0, 0603
C121
33 nF, X7R, 0603
C122
1.5 nF, X7R, 0603
C123
330 pF, NP0, 0603
C161
15 pF, NP0, 0603
C151
15 pF, NP0, 0603
C210
1 nF, X7R, 0603
C211
33 nF, X7R, 0603
L51
39 nH, 0805
L61
6.8 nH, 0805
L91
10 nH, 0805
R7
10 k
Ω, 0603 (optional)
R121
5.6 k
Ω, 0603
R122
27 k
Ω, 0603
R123
22 k
Ω, 0603
VAR
KV1837K, TOKO or similar
XTAL
12 MHz crystal, 12 pF load
Table 11: Bill of materials for the application circuit.
17.
Receiver sensitivity
The receiver sensitivity depends on which
IF frequency and IF filter that has been
selected (60, 200 or 455 kHz). It also
depends on the data rate (0.3 – 9.6 kbps)
and the FSK frequency separation (0 –
200 kHz). Frequency separation is twice
the frequency deviation (for example, 20
kHz separation is +/-10 kHz deviation).
Some typical figures are shown in Table
12.
Data rate
IF frequency
Separation
CC400
60 kHz
20 kHz
-110 dBm
200 kHz
40 kHz
-103 dBm
1.2 kbps
455 kHz ext
12 kHz
-108 dBm
60 kHz
30 kHz
-110 dBm
200 kHz
40 kHz
-103 dBm
2.4 kbps
455 kHz ext
20 kHz
-103 dBm
200 kHz
40 kHz
-101 dBm
4.8 kbps
455 kHz ext
20 kHz
-99 dBm
9.6 kbps
200 kHz
40 kHz
-97 dBm
Table 12: Sensitivity for different IF frequency, data rates and separation.
In a narrow band system with very low
frequency separation (less than 10 kHz)
the sensitivity will drop. To insure proper
operation the separation should always be
larger than 5 kHz (+/- 2.5 kHz deviation).
For even smaller separation, or to improve
the sensitivity, an external narrow band
demodulator
should
be
used.
See
Application Note AN005 “Selecting system
parameters and system configurations
using
CC400
/
CC900”
for
more
information on narrow band systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com