| データシートサーチシステム |
|
STM32F405RG データシート(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F405RG データシート(HTML) 48 Page - STMicroelectronics |
|
48 / 204 page ![]() Pinouts and pin description STM32F405xx, STM32F407xx 48/203 DS8626 Rev 9 - - - 11 H3 17 PF1 I/O FT - FSMC_A1 / I2C2_SCL / EVENTOUT - - - - 12 H2 18 PF2 I/O FT - FSMC_A2 / I2C2_SMBA / EVENTOUT - - - - 13 J2 19 PF3 I/O FT (5) FSMC_A3/EVENTOUT ADC3_IN9 - - - 14 J3 20 PF4 I/O FT (5) FSMC_A4/EVENTOUT ADC3_IN14 - - - 15 K3 21 PF5 I/O FT (5) FSMC_A5/EVENTOUT ADC3_IN15 -C9 10 16 G2 22 VSS S- - - - -B8 11 17 G3 23 VDD S- - - - - - - 18 K2 24 PF6 I/O FT (5) TIM10_CH1 / FSMC_NIORD/ EVENTOUT ADC3_IN4 - - - 19 K1 25 PF7 I/O FT (5) TIM11_CH1/FSMC_NREG/ EVENTOUT ADC3_IN5 - - - 20 L3 26 PF8 I/O FT (5) TIM13_CH1 / FSMC_NIOWR/ EVENTOUT ADC3_IN6 - - - 21 L2 27 PF9 I/O FT (5) TIM14_CH1 / FSMC_CD/ EVENTOUT ADC3_IN7 - - - 22 L1 28 PF10 I/O FT (5) FSMC_INTR/ EVENTOUT ADC3_IN8 5 F10 12 23 G1 29 PH0/OSC_IN (PH0) I/O FT - EVENTOUT OSC_IN(5) 6F9 13 24 H1 30 PH1/OSC_OUT (PH1) I/O FT - EVENTOUT OSC_OUT(5) 7 G10 14 25 J1 31 NRST I/O RST - - - 8 E10 15 26 M2 32 PC0 I/O FT (5) OTG_HS_ULPI_STP/ EVENTOUT ADC123_IN10 9 - 16 27 M3 33 PC1 I/O FT (5) ETH_MDC/ EVENTOUT ADC123_IN11 10 D10 17 28 M4 34 PC2 I/O FT (5) SPI2_MISO / OTG_HS_ULPI_DIR / ETH_MII_TXD2 /I2S2ext_SD/ EVENTOUT ADC123_IN12 Table 7. STM32F40xxx pin and ball definitions(1) (continued) Pin number Pin name (function after reset)(2) Alternate functions Additional functions |