| データシートサーチシステム |
|
STM32F407IG データシート(PDF) 47 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F407IG データシート(HTML) 47 Page - STMicroelectronics |
|
47 / 204 page ![]() DS8626 Rev 9 47/203 STM32F405xx, STM32F407xx Pinouts and pin description Table 7. STM32F40xxx pin and ball definitions(1) Pin number Pin name (function after reset)(2) Alternate functions Additional functions - - 1 1 A2 1 PE2 I/O FT - TRACECLK/ FSMC_A23 / ETH_MII_TXD3 / EVENTOUT - - - 2 2 A1 2 PE3 I/O FT - TRACED0/FSMC_A19 / EVENTOUT - - - 3 3 B1 3 PE4 I/O FT - TRACED1/FSMC_A20 / DCMI_D4/ EVENTOUT - - - 4 4 B2 4 PE5 I/O FT - TRACED2 / FSMC_A21 / TIM9_CH1 / DCMI_D6 / EVENTOUT - - - 5 5 B3 5 PE6 I/O FT - TRACED3 / FSMC_A22 / TIM9_CH2 / DCMI_D7 / EVENTOUT - 1A10 6 6 C1 6 VBAT S- - - - - - - - D2 7 PI8 I/O FT (3)( 4) EVENTOUT RTC_TAMP1, RTC_TAMP2, RTC_TS 2 A9 7 7 D1 8 PC13 I/O FT (3) (4) EVENTOUT RTC_OUT, RTC_TAMP1, RTC_TS 3B10 8 8 E1 9 PC14/OSC32_IN (PC14) I/O FT (3)( 4) EVENTOUT OSC32_IN(5) 4B9 9 9 F1 10 PC15/ OSC32_OUT (PC15) I/O FT (3)( 4) EVENTOUT OSC32_OUT(5) - - - - D3 11 PI9 I/O FT - CAN1_RX / EVENTOUT - - - - - E3 12 PI10 I/O FT - ETH_MII_RX_ER / EVENTOUT - - - - - E4 13 PI11 I/O FT - OTG_HS_ULPI_DIR / EVENTOUT - -- - - F2 14 VSS S- - - - -- - - F3 15 VDD S- - - - - - - 10 E2 16 PF0 I/O FT - FSMC_A0 / I2C2_SDA / EVENTOUT - |