| データシートサーチシステム |
|
RYP321015-PASC2 データシート(PDF) 3 Page - CT Micro International Corporation |
|
|
|||||||||||||||||||||||||||||
RYP321015-PASC2 データシート(HTML) 3 Page - CT Micro International Corporation |
|
3 / 10 page ![]() CT Micro Rev 2 Proprietary & Confidential Page 3 Jan, 2021 RYP321015-PASC2 Dual Wavelength SMD Type Emitter Optical Characteristics (Yellow) Symbol Parameters Test Conditions Min Typ Max Units Notes Iv Luminous Intensity IF=20mA 72 - 180 mcd 3 λp Peak Wavelength IF=20mA - 599 - nm λd Dominant Wavelength IF=20mA 585.5 - 594.5 nm 4 θ1/2 Angle of Half Intensity IF=20mA - 65 - deg Electrical Characteristics Symbol Parameters Test Conditions Min Typ Max Units Notes VF Forward Voltage IF=20mA 1.7 - 2.4 V IR Reverse Current VR=5V - - 1 µA Notes: 1. IFP Conditions--Pulse Width≦ 100μs and Duty≦ 10%. 2. Soldering time≦ 10 seconds. 3. Bin Range of Luminous Intensity Red Bin Code Min Max Unit Condition QA 90 140 mcd IF=20mA RA 140 225 Yellow Bin Code Min Max Unit Condition Q 72 112 mcd IF=20mA R 112 180 Tolerance of: Luminous Intensity 10% 4. Bin Range of Dominant Wavelength Yellow Bin Code Min Max Unit Condition Y3 585.5 588.5 nm IF=20mA Y4 588.5 591.5 Y5 591.5 594.5 Tolerance of Dominant Wavelength: 1nm. |