データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RYP321015-PASC2 データシート(PDF) 6 Page - CT Micro International Corporation

部品番号 RYP321015-PASC2
部品情報  Dual Wavelength SMD Type Emitter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CTMICRO [CT Micro International Corporation]
ホームページ  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

RYP321015-PASC2 データシート(HTML) 6 Page - CT Micro International Corporation

Back Button RYP321015-PASC2 Datasheet HTML 2Page - CT Micro International Corporation RYP321015-PASC2 Datasheet HTML 3Page - CT Micro International Corporation RYP321015-PASC2 Datasheet HTML 4Page - CT Micro International Corporation RYP321015-PASC2 Datasheet HTML 5Page - CT Micro International Corporation RYP321015-PASC2 Datasheet HTML 6Page - CT Micro International Corporation RYP321015-PASC2 Datasheet HTML 7Page - CT Micro International Corporation RYP321015-PASC2 Datasheet HTML 8Page - CT Micro International Corporation RYP321015-PASC2 Datasheet HTML 9Page - CT Micro International Corporation RYP321015-PASC2 Datasheet HTML 10Page - CT Micro International Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 6
Jan, 2021
RYP321015-PASC2
Dual Wavelength SMD Type Emitter
Package Dimension All dimensions are in mm, unless otherwise stated
Note: Tolerance unless mentioned is ±0.1mm.
Recommended Soldering Mask All dimensions are in mm, unless otherwise stated
Note: Tolerance unless mentioned is ±0.1mm.
Ordering Information
Part Number
Description
Quantity
RYP321015-PASC2
Tape & Reel
2000 pcs



Html Pages

1 2 3 4 5 6 7 8 9 10