データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT24C02C データシート(PDF) 21 Page - Microchip Technology

部品番号 AT24C02C
部品情報  I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24C02C データシート(HTML) 21 Page - Microchip Technology

Back Button AT24C02C Datasheet HTML 17Page - Microchip Technology AT24C02C Datasheet HTML 18Page - Microchip Technology AT24C02C Datasheet HTML 19Page - Microchip Technology AT24C02C Datasheet HTML 20Page - Microchip Technology AT24C02C Datasheet HTML 21Page - Microchip Technology AT24C02C Datasheet HTML 22Page - Microchip Technology AT24C02C Datasheet HTML 23Page - Microchip Technology AT24C02C Datasheet HTML 24Page - Microchip Technology AT24C02C Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
8.
Read Operations
Read operations are initiated the same way as write operations with the exception that the Read/Write
Select bit in the device address byte must be a logic ‘1’. There are three read operations:
•
Current Address Read
•
Random Address Read
•
Sequential Read
8.1
Current Address Read
The internal data word address counter maintains the last address accessed during the last read or write
operation, incremented by one. This address stays valid between operations as long as the VCC is
maintained to the part. The address roll-over during a read is from the last byte of the last page to the first
byte of the first page of the memory.
A current address read operation will output data according to the location of the internal data word
address counter. This is initiated with a Start condition, followed by a valid device address byte with the
R/W bit set to logic ‘1’. The device will ACK this sequence and the current address data word is serially
clocked out on the SDA line. All types of read operations will be terminated if the bus master does not
respond with an ACK (it NACKs) during the ninth clock cycle. After the NACK response, the master may
send a Stop condition to complete the protocol, or it can send a Start condition to begin the next
sequence.
Figure 8-1. Current Address Read
SCL
SDA
Device Address Byte
Data Word (n)
Start
by
Master
ACK
from
Slave
NACK
from
Master
Stop
by
Master
MSB
MSB
1
0
1
0
A
2
A
1
A
0
1
0
D7 D6
D5 D4 D3
D2 D1 D0
1
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
8.2
Random Read
A random read begins in the same way as a byte write operation does to load in a new data word
address. This is known as a “dummy write” sequence; however, the data byte and the Stop condition of
the byte write must be omitted to prevent the part from entering an internal write cycle. Once the device
address and word address are clocked in and acknowledged by the EEPROM, the bus master must
generate another Start condition. The bus master now initiates a current address read by sending a Start
condition, followed by a valid device address byte with the R/W bit set to logic ‘1’. The EEPROM will ACK
the device address and serially clock out the data word on the SDA line. All types of read operations will
be terminated if the bus master does not respond with an ACK (it NACKs) during the ninth clock cycle.
After the NACK response, the master may send a Stop condition to complete the protocol, or it can send
a Start condition to begin the next sequence.
AT24C01C/AT24C02C
Read Operations
© 2018 Microchip Technology Inc.
Datasheet
DS20006111A-page 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45