データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AT24C02C データシート(PDF) 8 Page - Microchip Technology

部品番号 AT24C02C
部品情報  I²C-Compatible (Two-Wire) Serial EEPROM 1‑Kbit (128 x 8), 2‑Kbit (256 x 8)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AT24C02C データシート(HTML) 8 Page - Microchip Technology

Back Button AT24C02C Datasheet HTML 4Page - Microchip Technology AT24C02C Datasheet HTML 5Page - Microchip Technology AT24C02C Datasheet HTML 6Page - Microchip Technology AT24C02C Datasheet HTML 7Page - Microchip Technology AT24C02C Datasheet HTML 8Page - Microchip Technology AT24C02C Datasheet HTML 9Page - Microchip Technology AT24C02C Datasheet HTML 10Page - Microchip Technology AT24C02C Datasheet HTML 11Page - Microchip Technology AT24C02C Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
3.2
Block Diagram
1 page
Start
Stop
Detector
GND
A2
Memory
System Control
Module
High Voltage
Generation Circuit
Data & ACK
Input/Output Control
Address Register
and Counter
Write
Protection
Control
D
OUT
D
IN
Hardware
Address
Comparator
VCC
WP
SCL
SDA
Power
On Reset
Generator
EEPROM Array
Column Decoder
Data Register
A1
A0
AT24C01C/AT24C02C
Description
© 2018 Microchip Technology Inc.
Datasheet
DS20006111A-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45