| データシートサーチシステム |
|
BW50RAM データシート(PDF) 92 Page - Fuji Electric |
|
|
|||||||||||||||||||||||||||||
BW50RAM データシート(HTML) 92 Page - Fuji Electric |
|
92 / 93 page ![]() 06/92 Fuji Electric FA components & Systems Co., Ltd./D & C Catalog Information subject to change without notice Molded Case Circuit Breakers G-TWIN series External accessories Insulation barriers n Description The interphase barriers are provided on frame size of 32AF to 800AF breakers for front mounting. The barriers are installed in the molded slots between terminals. The earth barrier is used to increase the insulation with the mounting plate surface when two crimp terminals are wired. Installation of these barriers after wiring is possible even when an external accessory is installed. Interphase barrier Earth barrier Interphase barrier MCCB Interphase barrier Type Dimensions (mm) Packing quantity Mass (g) A B BW32 BW50AAG, EAG BW50SAG, RAG BW63 BW100 BZ6B10C 50 49 4 23 BW50HAG, BW125 BW9BPCA 50 60 2 15 BW160 BW250 BW9BPGA 80 60 2 25 BW400 BW630 BW800 B-43A 105 95 4 130 Earth barrier MCCB Earth barrier Type Dimensions (mm) Packing quantity Mass (g) A B BW32 -2P BW50 -2P BW63 -2P BW100 -2P BZ6BL10C2 100 (50, 75)*1 43 (30)*1 1 33 BW32 -3P BW50 -3P BW63 -3P BW100 -3P BZ6BL10C3 125 (75, 100)*1 43 (30)*1 1 41 Interphase barrier B Breaker A Earth barrier Note: *1 Can be cut to dimensions |