| データシートサーチシステム |
|
BW50RAM データシート(PDF) 55 Page - Fuji Electric |
|
|
|||||||||||||||||||||||||||||
BW50RAM データシート(HTML) 55 Page - Fuji Electric |
|
55 / 93 page ![]() 06/55 Fuji Electric FA Components & Systems Co., Ltd./D & C Catalog Information subject to change without notice 06 Panel drilling Panel drilling 2-pole 3-pole (2-pole) 3-pole (2-pole) 2-pole 3-pole (2-pole) Front panel cutting Front panel cutting Terminal section Terminal section MCCB 58 or more MCCB R2 or less 87 or more MCCB R2 or less R2 or less 17 M8 x 16 M8 x 16 ø9 t<6 24 8 MCCB 30 L C L C L C L C L C L C L C L C 38 22 90 60 85 L C L C 30 56 60 38 22 15 L C Insuration barrier Detachable Insuration barrier Detachable Insuration barrier Detachable Mounting hole Mounting hole Mounting hole Trip button Trip button Trip button M4 or ø5 M4 or ø5 M4 or ø5 L C L C 4 60 57 64 68 7 3.5 95 ON ø9 t<6 8 Note: 2-pole breaker is supplied in 3-pole frame with current carrying parts omitted from center pole. Note: 2-pole breaker is supplied in 3-pole frame with current carrying parts omitted from center pole. 24 25.5 MCCB 35 L C L C 105 4 60 57 95 3.5 7 68 64 100 22 45.5 70 ON L C L C L C 102 or more MCCB L C L C BW125 U-2P, 3P BW250 U-2P, 3P Molded Case Circuit Breakers G-TWIN series Dimensions / Global n Dimensions, mm Front mounting, front connection |