データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RHF1009AK1 データシート(PDF) 4 Page - STMicroelectronics

部品番号 RHF1009AK1
部品情報  Rad-hard adjustable 2.5 V/5.5 V precision shunt V-ref
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1009AK1 データシート(HTML) 4 Page - STMicroelectronics

  RHF1009AK1 Datasheet HTML 1Page - STMicroelectronics RHF1009AK1 Datasheet HTML 2Page - STMicroelectronics RHF1009AK1 Datasheet HTML 3Page - STMicroelectronics RHF1009AK1 Datasheet HTML 4Page - STMicroelectronics RHF1009AK1 Datasheet HTML 5Page - STMicroelectronics RHF1009AK1 Datasheet HTML 6Page - STMicroelectronics RHF1009AK1 Datasheet HTML 7Page - STMicroelectronics RHF1009AK1 Datasheet HTML 8Page - STMicroelectronics RHF1009AK1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Electrical characteristics
RHF1009A
4/19
DocID025148 Rev 3
2
Electrical characteristics
Parameters tested before radiation are shown in Table 4.
Table 4. Anode is connected to Gnd (0 V), VK is in reference to anode voltage. CK (between anode
and cathode) = 100 nF, R1 = 0 and R2 not connected unless otherwise specified
Symbol
Parameter
Test conditions
Temp.
Min.
Typ.
Max.
Unit
DC performance
VRef
Reference input voltage
IK = 100 µA
VK = VRef
+25 °C
2.5
V
ΔVRef
Reference input voltage
tolerance
IK = 100 µA
VK = VRef
+25 °C
-5
+5
mV
IKmin
Minimum operating current
[VK ≥ VK (IK = 100 µA,
Ta = 25°C) - 100 µV]
VK = VRef
-55 °C
+25 °C
+125 °C
60
60
60
μA
IKoff
Off state cathode current
VRef = VA
VKA = 2.5V
-55 °C
+25 °C
+125 °C
1
1
1
μA
IRef
Reference input current
IK = 100 µA to 10 mA
VK = VRef on R1 =
10 k
Ω
-55 °C
+25 °C
+125 °C
1
1
1
μA
ΔVRef/ΔT
Average temperature coefficient
IK = 100 µA
VK = VRef
-55 °C
to
+125 °C
30
ppm/
°C
IK = 10 mA
VK = VRef
-55 °C
to
+125 °C
30
ΔVRef/ΔVKA
Reference voltage versus
cathode voltage variation
IK = 100 µA
VKA = 2.5 V to 5.5 V
R1 = 10 kΩ, R2Variable
-55 °C
to
+125 °C
1.5
2.5
mV/V
IK = 10 mA
VKA = 2.5 V to 5.5 V
R1 = 10 kΩ, R2Variable
-55 °C
to
+125 °C
1.5
2.5
ΔVRef/ΔIK
Reference voltage versus
cathode current variation
IKmin ≤ IK ≤ 1 mA
VK = VRef
-55 °C
+25 °C
+125 °C
0.075
0.08
0.15
0.15
0.16
0.3
mV
1 mA
≤ IK ≤ 12 mA
VK = VRef
-55 °C
+25 °C
+125 °C
0.65
0.7
1
1.3
1.4
2
RKA
Reverse static impedance
ΔIK = IKmin to 10 mA
VK = VRef
-55 °C
+25 °C
+125 °C
0.05
0.06
0.1
0.1
0.12
0.2
Ω
ZKA
Reverse dynamic impedance
IK = 1 mA to 1.1 mA
VK = VRef, F ≤ 1 kHz
No capacitive load
-55 °C
+25 °C
+125 °C
0.4
0.4
0.5
Ω
VRefmax
VRefmin
180
°CVRef 25°C
()
×
---------------------------------------------------------
10
6
×



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com