データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

RHFLVDSR2D2 データシート(PDF) 14 Page - STMicroelectronics

部品番号 RHFLVDSR2D2
部品情報  Rad-hard dual LVDS driver-receiver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFLVDSR2D2 データシート(HTML) 14 Page - STMicroelectronics

Back Button RHFLVDSR2D2 Datasheet HTML 9Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 10Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 11Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 12Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 13Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 14Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 15Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 16Page - STMicroelectronics RHFLVDSR2D2 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Package information
RHFLVDSR2D2
14/17
DocID025372 Rev 3
7.1
Ceramic Flat-18 package information
Figure 7.
Ceramic Flat 18 package mechanical drawing
1. The upper metallic lid is electrically connected to ground.
Table 8. Ceramic Flat 18 package mechanical data
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
2.18
2.46
2.74
0.86
0.097
0.108
A1
0.66
-
-
0.026
-
-
b
0.38
0.43
0.48
0.015
0.017
0.019
c
0.10
0.14
0.18
0.004
0.005
0.007
D
11.61
11.81
12.01
0.457
0.465
0.473
E
6.99
7.11
7.24
0.275
0.280
0.285
E2
4.67
4.82
4.98
0.184
0.19
0.196
E3
0.76
-
-
0.03
-
-
e
-
1.27
-
-
0.050
-
L
7.37
7.87
8.37
0.290
0.031
0.330
S1
0.13
-
-
0.005
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17