| データシートサーチシステム |
|
CSS2512JTL250 データシート(PDF) 8 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
CSS2512JTL250 データシート(HTML) 8 Page - Stackpole Electronics, Inc. |
|
8 / 13 page ![]() Rev Date: 7/29/2022 8 www.seielect.com This specification may be changed at any time without prior notice. marketing@seielect.com Please confirm technical specifications before you order and/or use. CSS / CSSH Series Ultra-precision Metal Alloy Current Sensing Chip Resistor Stackpole Electronics, Inc. Resistive Product Solutions Recommended Solder Profiles This information is intended as a reference for solder profiles for Stackpole resistive components. These profiles should be compatible with most soldering processes. These are only recommendations. Actual numbers will depend on board density, geometry, packages used, etc., especially those cells lab eled with “*”. 100% Matte Tin / RoHS Compliant Terminations Soldering iron recommended temperatures: 330°C to 350°C with minimum duration. Maximum number of reflow cycles: 3. Recommended Pad Layouts (cont.) Wave Soldering Description Maximum Recommended Minimum Preheat Time 80 seconds 70 seconds 60 seconds Temperature Diff. 140°C 120°C 100°C Solder Temp. 260°C 250°C 240°C Dwell Time at Max. 10 seconds 5 seconds * Ramp DN (°C/sec) N/A N/A N/A Temperature Diff. = Defference between final preheat stage and soldering stage. 0.114 0.048 inches 2.89 0.115 1.22 mm 0.090 2.92 0.095 inches 2.29 2.41 mm 0.120 0.050 inches 3.05 1.27 mm 0.083 0.125 inches 2.11 3.18 mm 0.120 0.050 inches 3.05 1.27 mm 0.086 0.145 0.118 inches 2.19 3.68 3.00 mm 0.110 0.071 inches 2.79 1.80 mm 0.086 0.118 inches 2.19 3.00 mm 0.083 0.125 inches 2.11 3.18 mm 0.125 0.270 0.052 inches 3.18 6.86 1.32 mm 0.108 0.138 inches 2.75 0.308 3.51 mm 0.108 7.82 0.138 inches 2.75 3.51 mm 0.228 0.138 inches 5.80 0.344 3.51 mm 0.163 8.74 0.268 inches 4.15 6.81 mm 0.152 0.413 0.114 inches 3.85 10.50 2.90 mm 0.0002 - 0.003 CSSH2512 3 0.0003 - 0.0005 0.003 - 0.004 0.0101 - 0.08 0.0006 - 0.0029 0.0041 - 0.01 CSS2010 1 0.001 - 0.003 0.0031 - 0.1 CSS2512 i 2 0.0005 - 0.004 0.0041 - 0.075 CSS2728 3 0.004 - 0.1 CSSH2728 4 0.004 - 0.1 CSS2725 4 Unit Type/Code Maximum Power Rating (W) Resistance Range ( Ω) a b CSSH3637 7 0.0003 CSS4527 5 0.0005 - 0.005 0.0051 - 0.12 |