| データシートサーチシステム |
|
CSS2512JTL250 データシート(PDF) 9 Page - Stackpole Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
CSS2512JTL250 データシート(HTML) 9 Page - Stackpole Electronics, Inc. |
|
9 / 13 page ![]() Rev Date: 7/29/2022 9 www.seielect.com This specification may be changed at any time without prior notice. marketing@seielect.com Please confirm technical specifications before you order and/or use. CSS / CSSH Series Ultra-precision Metal Alloy Current Sensing Chip Resistor Stackpole Electronics, Inc. Resistive Product Solutions Packaging Specifications Recommended Lead Free Resistor Reflow Profile Convection IR Reflow Description Maximum Recommended Minimum Ramp Up (°C/sec) 3°C/sec 2°C/sec * Dwell Time > 217°C 150 seconds 90 seconds 60 seconds Solder Temp. 260°C 245°C * Dwell Time at Max. 30 seconds 15 seconds 10 seconds Ramp DN (°C/sec) 6°C/sec 3°C/sec * Type/Code Tape Width Unit 0.354 ± 0.020 2.362 ± 0.079 7.008 ± 0.197 inches 9.00 ± 0.50 60.00 ± 2.00 178.00 ± 5.00 mm 0.472 ± 0.020 2.362 ± 0.079 7.008 ± 0.197 inches 12.00 ± 0.50 60.00 ± 2.00 178.00 ± 5.00 mm 0.685 ± 0.039 2.362 ± 0.039 7.008 ± 0.079 inches 17.40 ± 1.00 60.00 ± 1.00 178.00 ± 2.00 mm 0.543 ± 0.020 3.150 ± 0.039 7.008 ± 0.197 inches 13.80 ± 0.50 80.00 ± 1.00 178.00 ± 5.00 mm 0.984 ± 0.039 2.362 ± 0.039 7.008 ± 0.197 inches 25.00 ± 1.00 60.00 ± 1.00 178.00 ± 5.00 mm CSSH3637 16 mm W ØD ØM 0201, 0402, 0603 0508, 0805,1206 8 mm CSSH0805 8 mm 2010, 2512, 2725, 2728 12 mm 4527 24 mm |