データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9374LF データシート(PDF) 73 Page - STMicroelectronics

部品番号 L9374LF
部品情報  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF データシート(HTML) 73 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 69Page - STMicroelectronics L9374LF Datasheet HTML 70Page - STMicroelectronics L9374LF Datasheet HTML 71Page - STMicroelectronics L9374LF Datasheet HTML 72Page - STMicroelectronics L9374LF Datasheet HTML 73Page - STMicroelectronics L9374LF Datasheet HTML 74Page - STMicroelectronics L9374LF Datasheet HTML 75Page - STMicroelectronics L9374LF Datasheet HTML 76Page - STMicroelectronics L9374LF Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 80 page
background image
DocID025414 Rev 1
73/80
L9374LF
Programmers guide
79
5.2.9
Error average (address 13 + 14)
(refer to Section 4.5.2 : Load current measurements for detailed information)
5.2.10
Reserved (address 15)
This register is not used. Answer will always be 0xF001.
MSB
LSB
110100
ERRORAVG_Q3
Parit
y
111000
ERRORAVG_Q4
Parit
y
A3
A2
A1
A0
free
free
D8
D7
D6
D5
D4
D3
D2
D1
D0
P
Table 73. Error average
Error average
Number of bits
Name
Error average
9 Bit
ERRORAVG_Qx
MSB
LSB
111100000000000
Parit
y
A3
A2
A1
A0
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80