データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9374LF データシート(PDF) 32 Page - STMicroelectronics

部品番号 L9374LF
部品情報  Four channel valve driver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9374LF データシート(HTML) 32 Page - STMicroelectronics

Back Button L9374LF Datasheet HTML 28Page - STMicroelectronics L9374LF Datasheet HTML 29Page - STMicroelectronics L9374LF Datasheet HTML 30Page - STMicroelectronics L9374LF Datasheet HTML 31Page - STMicroelectronics L9374LF Datasheet HTML 32Page - STMicroelectronics L9374LF Datasheet HTML 33Page - STMicroelectronics L9374LF Datasheet HTML 34Page - STMicroelectronics L9374LF Datasheet HTML 35Page - STMicroelectronics L9374LF Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
Circuit description
L9374LF
32/80
DocID025414 Rev 1
Figure 18. Channels time shift
4.4
Set-point controller
The set point controller generates a PWM duty cycle based on a duty cycle value or a
regulated current value from the SPI command registers for each output. This circuit is
designed to generate two different PWM duty cycle / current regulation values for each
output per SPI cycle. This translates to a duty cycle/current level [w(n)] for a duration [t(n)]
and then a second duty cycle/current level [w(n+1)] until otherwise commanded for each
output per SPI cycle. Depending on what is driving this controller (Direct SPI command (in
the form of a duty cycle value) or Current Controller) the end result is either a fixed
commanded PWM duty cycle or a regulated current.
Figure 19. Set-point controller block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80