データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VNH7100BAS データシート(PDF) 26 Page - STMicroelectronics

部品番号 VNH7100BAS
部品情報  Automotive fully integrated H-bridge motor driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7100BAS データシート(HTML) 26 Page - STMicroelectronics

Back Button VNH7100BAS Datasheet HTML 22Page - STMicroelectronics VNH7100BAS Datasheet HTML 23Page - STMicroelectronics VNH7100BAS Datasheet HTML 24Page - STMicroelectronics VNH7100BAS Datasheet HTML 25Page - STMicroelectronics VNH7100BAS Datasheet HTML 26Page - STMicroelectronics VNH7100BAS Datasheet HTML 27Page - STMicroelectronics VNH7100BAS Datasheet HTML 28Page - STMicroelectronics VNH7100BAS Datasheet HTML 29Page - STMicroelectronics VNH7100BAS Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 39 page
background image
Application information
VNH7100BAS
26/39
DocID029596 Rev 2
Figure 20. Multi-motors configuration
Note:
The VNH7100BAS can easily be designed in multi motor driving configuration in the
applications where only one motor at a time must be activated. The SEL0 pin can be used to
read the diagnostic on the CS according to the operative truth table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39