データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VNH7100BAS データシート(PDF) 35 Page - STMicroelectronics

部品番号 VNH7100BAS
部品情報  Automotive fully integrated H-bridge motor driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7100BAS データシート(HTML) 35 Page - STMicroelectronics

Back Button VNH7100BAS Datasheet HTML 31Page - STMicroelectronics VNH7100BAS Datasheet HTML 32Page - STMicroelectronics VNH7100BAS Datasheet HTML 33Page - STMicroelectronics VNH7100BAS Datasheet HTML 34Page - STMicroelectronics VNH7100BAS Datasheet HTML 35Page - STMicroelectronics VNH7100BAS Datasheet HTML 36Page - STMicroelectronics VNH7100BAS Datasheet HTML 37Page - STMicroelectronics VNH7100BAS Datasheet HTML 38Page - STMicroelectronics VNH7100BAS Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
DocID029596 Rev 2
35/39
VNH7100BAS
Package information
38
Figure 30. SO-16N carrier tape
Table 18. Reel dimensions
Description
Value(1)
1. All dimensions are in mm.
Base quantity
2500
Bulk quantity
2500
A (max)
330
B (min)
1.5
C (+0.5, -0.2)
13
D (min)
20.2
N
100
W1 (+2 /-0)
16.4
W2 (max)
22.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39