データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDA803D-EHT データシート(PDF) 31 Page - STMicroelectronics

部品番号 FDA803D-EHT
部品情報  1 x 45 W class D digital input automotive power amplifier with diagnostics, wide voltage operation range for car audio and telematic
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA803D-EHT データシート(HTML) 31 Page - STMicroelectronics

Back Button FDA803D-EHT Datasheet HTML 27Page - STMicroelectronics FDA803D-EHT Datasheet HTML 28Page - STMicroelectronics FDA803D-EHT Datasheet HTML 29Page - STMicroelectronics FDA803D-EHT Datasheet HTML 30Page - STMicroelectronics FDA803D-EHT Datasheet HTML 31Page - STMicroelectronics FDA803D-EHT Datasheet HTML 32Page - STMicroelectronics FDA803D-EHT Datasheet HTML 33Page - STMicroelectronics FDA803D-EHT Datasheet HTML 34Page - STMicroelectronics FDA803D-EHT Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 78 page
background image
DocID031487 Rev 2
31/78
FDA803D
Muting function architecture
77
Figure 41. Digital-Mute diagram
Note:
in case of I2C mute the Digital-mute actuation does not follow Analog-mute level but only the
I2C command.
8.4
Mixed mute advantages
The mixed mute approach is the superposition of the two mute actuators, Analog-Mute and
Digital-mute, at the same time.
Here below the example of previous pages with mixed mute:
Figure 42. Mixed mute diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78