| データシートサーチシステム |
|
FDA803U-KBX データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
FDA803U-KBX データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 76 page ![]() Electrical specifications FDA803U 12/76 DS12497 Rev 2 4 Electrical specifications 4.1 Absolute maximum ratings 4.2 Thermal data Table 3. Absolute maximum ratings Symbol Parameter Value Unit VCC [VCCP ,VCCM, AVDD, DVDD] DC supply voltage -0.3 to 28 V Transient supply voltage for t = 100 ms(1) 1. VCC = 35 V for t < 400 ms as per ISO16750-2 load dump with centralized load dump suppression. -0.3 to 40 V GNDmax [DGND, AGND, GNDP, GNDM] Ground pin voltage difference -0.3 to 0.3 V I2Cdata, I2Cclk I2C bus pins voltage -0.3 to 5.5 V I2Stest, I2Sdata, I2Sclk, I2Sws I2S bus pins voltage -0.3 to 5.5 V Enable1,2,3,4 Enables -0.3 to 5.5 V HWMute Hardware mute -0.3 to 7 V CDDiag Clip detection -0.3 to 5.5 V Io Output current (repetitive f > 10 Hz) Internally limited A Tamb Ambient operating temperature -40 to 125 °C Tstg, Tj Storage and junction temperature -55 to 150 °C ESDHBM ESD protection HBM 2000 V ESDCDM ESD protection CDM 500 V Table 4. Thermal data Symbol Parameter Typ Max Unit Rth j-case Thermal resistance junction-to-case 3.5 5.5 °C/W |