| データシートサーチシステム |
|
FDA803U-KBX データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
FDA803U-KBX データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 76 page ![]() DS12497 Rev 2 13/76 FDA803U Electrical specifications 75 4.3 Electrical characteristics Vcc = 14.4 V; RL = 4 Ω; f = 1 kHz; Tamb = 25 °C; I2C defaults, unless otherwise specified. LC filter: L = 10 μH, C = 3.3 μF. PWM in In-phase modulation, feedback connected after the filter. Table 5. Electrical characteristics Symbol Parameter Test condition Min Typ Max Unit VCC Supply voltage range RL = 4 Ω 3.3 - 18 V RL = 2 Ω 3.3 - 16 IVCC Quiescent current Device in Standby - 1 5 μA Device on (MUTE state)(1) -35 - mA ECO MODE - 22 - mA Vos Offset voltage Mute & Play -10 - +10 mV DVDD Digital supply voltage range - 3.3 - 18 V AVDD Analog supply voltage range - 3.3 - 18 V Iop Overcurrent protection(2) IB11 D5-4 = 00 9.5 11 12.5 A IB11 D5-4 = 01 6.7 8 9.3 A IB11 D5-4 = 10 5 6 7 A IB11 D5-4 = 11 3 4 5 A IAVDD Analog current Device on (MUTE state) - 9 20 mA IDVDD Digital current Device on (MUTE state) - 13 20 mA - Overvoltage shutdown Attenuation = 0.5 dB(3) 18.5 19.5 20.5 V VlowM Vcc low supply mute threshold Attenuation <0.5 dB Low voltage mode (IB0D0=1) 2.7 2.9 3.3 V Attenuation <0.5 dB Standard mode (IB0D0=0) 4.5 4.7 5 V VhighM Vcc high voltage mute(3) - 18 18.9 20.3 V UVLOVCC Vcc supply UVLO threshold Standard mode (IB0D0=0) 4.4 4.6 4.8 V Low voltage mode (IB0D0=1) 2.55 2.7 2.85 V Tsh Thermal shutdown - 170 180 190 °C Tpl Thermal protection junction temperature Attenuation = 0.5 dB 150 160 170 °C Tw1 Thermal warning junction temperature(4) - - Tpl-5 - °C Tw2 - - Tpl-15 - °C Tw3 - - Tpl-35 - °C Tw4 - - Tpl-50 - °C |