データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDA903U データシート(PDF) 55 Page - STMicroelectronics

部品番号 FDA903U
部品情報  1 x 45 W class D digital input automotive power amplifier with ILoad current monitoring, wide voltage operation range for car audio and telematic
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA903U データシート(HTML) 55 Page - STMicroelectronics

Back Button FDA903U Datasheet HTML 51Page - STMicroelectronics FDA903U Datasheet HTML 52Page - STMicroelectronics FDA903U Datasheet HTML 53Page - STMicroelectronics FDA903U Datasheet HTML 54Page - STMicroelectronics FDA903U Datasheet HTML 55Page - STMicroelectronics FDA903U Datasheet HTML 56Page - STMicroelectronics FDA903U Datasheet HTML 57Page - STMicroelectronics FDA903U Datasheet HTML 58Page - STMicroelectronics FDA903U Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 80 page
background image
DS12498 Rev 2
55/80
FDA903U
I2S bus interface
79
12.4
TDM 16CH mode description
The TDM8 format is shown in Figure 70.
The clock line frequency is equal to 512 fs.
With a proper I2C configuration, the user can select the slot containing the data to be
processed:
Slot 0 - IB0[4-1]='0000',
Slot 1 - IB0[4-1]='0001',
Slot 2 - IB0[4-1]='0010',
Slot 3 - IB0[4-1]='0011',
Slot 4 - IB0[4-1]='0100',
Slot 5 - IB0[4-1]='0101',
Slot 6 - IB0[4-1]='0110',
Slot 7 - IB0[4-1]='0111',
Slot 8 - IB0[4-1]='1000',
Slot 9 - IB0[4-1]='1001',
Slot 10 - IB0[4-1]='1010,'
Slot 11 - IB0[4-1]='1011',
Slot 12 - IB0[4-1]='1100',
Slot 13 - IB0[4-1]='1101',
Slot 14 - IB0[4-1]='1110',
Slot 15 - IB0[4-1]='1111'.
Figure 70. TDM16 mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80