データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDA903U データシート(PDF) 74 Page - STMicroelectronics

部品番号 FDA903U
部品情報  1 x 45 W class D digital input automotive power amplifier with ILoad current monitoring, wide voltage operation range for car audio and telematic
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA903U データシート(HTML) 74 Page - STMicroelectronics

Back Button FDA903U Datasheet HTML 70Page - STMicroelectronics FDA903U Datasheet HTML 71Page - STMicroelectronics FDA903U Datasheet HTML 72Page - STMicroelectronics FDA903U Datasheet HTML 73Page - STMicroelectronics FDA903U Datasheet HTML 74Page - STMicroelectronics FDA903U Datasheet HTML 75Page - STMicroelectronics FDA903U Datasheet HTML 76Page - STMicroelectronics FDA903U Datasheet HTML 77Page - STMicroelectronics FDA903U Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 80 page
background image
I2C register
FDA903U
74/80
DS12498 Rev 2
Table 31. DB3-ADDR: “I0100011” DC Diagnostic Error code
Data bit
Type
Definition
D7
SR/C
DC Diagnostic Error code
D6
D5
D4
D3
D2
D1
D0
Table 32. DB4-ADDR:"I0100100" - Current Sensing data (10-8)
Data bit
Type
Definition
D7-D3
SR
Reserved
D2
SR
Channel Current Sensing (10-8)
D1
D0
Table 33. DB5-ADDR:"I0100101" - Current Sensing data (7-0)
Data bit
Type
Definition
D7
SR
Channel Current Sensing (7-0)
D6
D5
D4
D3
D2
D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80