データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9177ATR データシート(PDF) 49 Page - STMicroelectronics

部品番号 L9177ATR
部品情報  Automotive engine management control IC for small engines
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9177ATR データシート(HTML) 49 Page - STMicroelectronics

Back Button L9177ATR Datasheet HTML 45Page - STMicroelectronics L9177ATR Datasheet HTML 46Page - STMicroelectronics L9177ATR Datasheet HTML 47Page - STMicroelectronics L9177ATR Datasheet HTML 48Page - STMicroelectronics L9177ATR Datasheet HTML 49Page - STMicroelectronics L9177ATR Datasheet HTML 50Page - STMicroelectronics L9177ATR Datasheet HTML 51Page - STMicroelectronics L9177ATR Datasheet HTML 52Page - STMicroelectronics L9177ATR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
Figure 40. Recommended footprint
Note:
Dimensions in the footprint of are mm.
Parts marked as ES are not yet qualified and therefore not approved for use in production. ST is not responsible
for any consequences resulting from such use. In no event will ST be liable for the customer using any of these
engineering samples in production. ST’s Quality department must be contacted to run a qualification activity prior
to any decision to use these engineering samples.
L9177A
TQFP 10x10 64L exposed pad down package information
DS12175 - Rev 5
page 49/55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55