| データシートサーチシステム |
|
L9177ATR データシート(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9177ATR データシート(HTML) 37 Page - STMicroelectronics |
|
37 / 55 page ![]() Table 31. Peak voltage detector precision Pick voltage [PV] Value Unit Min. Typ. Max. PV1 850 900 950 mV PV2 1452 1560 1638 mV PV3 2118 2230 2341 mV PV4 2755 2900 3045 mV Table 32. Hysteresis threshold precision Pick voltage [PV] Value Unit Min. Typ. Max. H0 70 100 130 mV HV1 140 200 220 mV HV2 250 347 390 mV HV3 490 644 720 mV HV4 730 1000 1120 mV Note: Hysteresis voltages are achieved by injecting an hysteresis bias current on V RIN± external resistors (typ. 10 kΩ each, see Figure 38). The resulting HV voltage is HV = I_hys * Rtyp. Changing the value of R the hysteresis value would change in a linear mode. L9177A VRS interface DS12175 - Rev 5 page 37/55 |