データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA75610DLVPDTR データシート(PDF) 21 Page - STMicroelectronics

部品番号 TDA75610DLVPDTR
部品情報  4 x 45 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA75610DLVPDTR データシート(HTML) 21 Page - STMicroelectronics

Back Button TDA75610DLVPDTR Datasheet HTML 17Page - STMicroelectronics TDA75610DLVPDTR Datasheet HTML 18Page - STMicroelectronics TDA75610DLVPDTR Datasheet HTML 19Page - STMicroelectronics TDA75610DLVPDTR Datasheet HTML 20Page - STMicroelectronics TDA75610DLVPDTR Datasheet HTML 21Page - STMicroelectronics TDA75610DLVPDTR Datasheet HTML 22Page - STMicroelectronics TDA75610DLVPDTR Datasheet HTML 23Page - STMicroelectronics TDA75610DLVPDTR Datasheet HTML 24Page - STMicroelectronics TDA75610DLVPDTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
DocID024175 Rev 8
21/37
TDA75610DLVPD
Diagnostics functional description
This feature is disabled if any overloads leading to activation of the short-circuit protection
occurs in the process.
Figure 30. Current detection high: load impedance |Z| vs. output peak voltage
Figure 31. Current detection low: load impedance |Z| vs. output peak voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37