データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9788 データシート(PDF) 187 Page - STMicroelectronics

部品番号 L9788
部品情報  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 データシート(HTML) 187 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 183Page - STMicroelectronics L9788 Datasheet HTML 184Page - STMicroelectronics L9788 Datasheet HTML 185Page - STMicroelectronics L9788 Datasheet HTML 186Page - STMicroelectronics L9788 Datasheet HTML 187Page - STMicroelectronics L9788 Datasheet HTML 188Page - STMicroelectronics L9788 Datasheet HTML 189Page - STMicroelectronics L9788 Datasheet HTML 190Page - STMicroelectronics L9788 Datasheet HTML 191Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 264 page
background image
18.5
Downstream frame Bit Map
MSC Interface DOWN STREAM FRAME Bit Map
Table 91. MSC Interface DOWN STREAM FRAME Bit Map
ADDRESS
DATA
C0 C1 C2 C3 C4 C5 C6
D0
D1
D2
D3
D4
D5
D6
D7
RD_COMMAND1
1
01
01
01
0
1
0
1
0
1
0
1
RD_COMMAND2
1
01
01
01
1
0
1
0
1
0
1
0
RD_COMMAND3
0
10
10
10
0
1
0
1
0
1
0
1
RD_COMMAND4
0
10
10
10
1
0
1
0
1
0
1
0
RD_COMMAND5
1
01
01
01
1
0
0
1
1
0
0
1
RD_COMMAND6
1
01
01
01
0
1
1
0
0
1
1
0
RD_COMMAND7
0
10
10
10
1
0
0
1
1
0
0
1
RD_COMMAND8
0
10
10
10
0
1
1
0
0
1
1
0
RD_COMMAND9
1
01
01
01
1
1
1
0
1
1
1
0
RD_COMMAND10
1
0
1
0
1
0
1
0
0
0
1
0
0
0
1
RD_COMMAND11
0
10
10
10
1
1
1
0
1
1
1
0
RD_COMMAND12
0
1
0
1
0
1
0
0
0
0
1
0
0
0
1
RD_COMMAND13
1
0
1
0
1
0
1
0
1
1
1
0
1
1
1
RD_COMMAND14
1
0
1
0
1
0
1
1
0
0
0
1
0
0
0
RD_COMMAND15
0
1
0
1
0
1
0
0
1
1
1
0
1
1
1
RD_COMMAND16
0
1
0
1
0
1
0
1
0
0
0
1
0
0
0
CONFIG-REG 1
00
11
11
1
PHOLD_
EN
PHOLD_TIME[0:1]
LED1_PD
_EN
LED2_PD
_EN
BOOST_
EN
WAKE_UP_TIMER_S
TART_STOP[0:1]
CONFIG-REG 2
01
11
10
1
MSC_AC
T_EN
F_DO_SEL[0:1]
VRS_MO
DE_SEL
IGN_CUR
RENT_CF
G
IGN_DIA
G
IPUPD_E
N
IPUPD_M
ODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More