| データシートサーチシステム |
|
STUSB1702 データシート(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STUSB1702 データシート(HTML) 13 Page - STMicroelectronics |
|
13 / 38 page ![]() steps as described in the table below. The DEBUG2 pin is asserted to advertise the DTS detection and the A_B_SIDE pin indicates the orientation of the connection. The orientation detection is advertised through the TYPEC_FSM_STATE bits of the I²C register CC_OPERATION_STATUS. Table 7. Orientation detection # CC1 pin (CC2 pin) CC2 pin (CC1 pin) Detection process A_B_SIDE pin CC1/CC2 (CC2/CC1) Orientation detection state TYPEC_FSM_STATE bits value 1 Rd Rd 1st step: debug accessory mode detected HiZ (HiZ) UnorientedDebugAccessory.SRC 2 Rd ≤ Ra 2nd step: orientation detected (DTS presents a resistance to GND with a value ≤ Ra on its CC2 pin) HiZ (0) OrientedDebugAccessory.SRC STUSB1702 Accessory mode detection DS12664 - Rev 1 page 13/38 |