データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STUSB1702 データシート(PDF) 27 Page - STMicroelectronics

部品番号 STUSB1702
部品情報  USB Type-CTM source controller with TX/RX line driver and BMC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSB1702 データシート(HTML) 27 Page - STMicroelectronics

Back Button STUSB1702 Datasheet HTML 23Page - STMicroelectronics STUSB1702 Datasheet HTML 24Page - STMicroelectronics STUSB1702 Datasheet HTML 25Page - STMicroelectronics STUSB1702 Datasheet HTML 26Page - STMicroelectronics STUSB1702 Datasheet HTML 27Page - STMicroelectronics STUSB1702 Datasheet HTML 28Page - STMicroelectronics STUSB1702 Datasheet HTML 29Page - STMicroelectronics STUSB1702 Datasheet HTML 30Page - STMicroelectronics STUSB1702 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
9
Ordering information
Table 22. Order code
Order code
AEC-Q100
Package
Temperature range
Marking
STUSB1702YQTR
Yes
QFN24 EP 4x4 mm wettable flanks
- 40 °C up to105 °C
1702Y
STUSB1702
Ordering information
DS12664 - Rev 1
page 27/38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38