| データシートサーチシステム |
|
ASB406L データシート(PDF) 2 Page - DIOTEC Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
ASB406L データシート(HTML) 2 Page - DIOTEC Electronics Corporation |
|
2 / 2 page ![]() RATING & CHARACTERISTIC CURVES FOR SERIES SB400L - SB410L and SERIES ASB404L - ASB408L Data Sheet No. BRSB-400-2C Tel.: (310) 767-1052 Fax: (310) 767-7958 DIOTEC ELECTRONICS CORP. Gardena, CA 90248 U.S.A 18020 Hobart Blvd., Unit B 3.0 1.0 0 2.0 4.0 5.0 0 50 100 150 FIGURE 1. FORWARD CURRENT DERATING CURVE Ambient Temperature, C 4 AMP SILICON BRIDGE RECTIFIERS FIGURE 2. MAXIMUM NON-REPETITIVE SURGE CURRENT Number of Cycles at 60 Hz 60Hz E16 FIGURE 5. TYPICAL JUNCTION CAPACITANCE PER DIODE Reverse Voltage, (Volts) Resistive or Inductive Loads FIGURE 4. TYPICAL REVERSE CHARACTERISTICS Percent of Rated Peak Reverse Voltage NOTE 4 FIGURE 3. TYPICAL FORWARD CHARACTERISTIC PER DIODE Instantaneous Forward Voltage (Volts) NOTES (1) Bridge Mounted on 3.0" Sq. x 0.11" Thick (7.5cm Sq. x 015cm) Aluminum Plate (2) T = 150 C (3) T = 25 C; Pulse Width = 300 Sec; 1%Duty Cycle m (4) T = 25 C; f = 1 MHz; Vsig = 50mVp-p NOTE 1 NOTE 2 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 0.1 1.0 10 NOTE 3 ABSB-400-2C |