| データシートサーチシステム |
|
ASB406L データシート(PDF) 1 Page - DIOTEC Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
ASB406L データシート(HTML) 1 Page - DIOTEC Electronics Corporation |
|
1 / 2 page ![]() FEATURES Data Sheet No. BRSB-400-1C ABSB-400-1C MECHANICAL SPECIFICATION Tel.: (310) 767-1052 Fax: (310) 767-7958 DIOTEC ELECTRONICS CORP. Gardena, CA 90248 U.S.A 18020 Hobart Blvd., Unit B E15 4 AMP SILICON BRIDGE RECTIFIERS BUILT-IN STRESS RELIEF MECHANISM FOR SUPERIOR RELIABILITY AND PERFORMANCE SURGE OVERLOAD RATING TO 200 AMPS PEAK VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM MECHANICAL STRENGTH AND HEAT DISSIPATION (Solder Voids: Typical < 2%, Max. < 10% of Die Area) Case: Terminals: Round silver plated copper pins Soldering: Per MIL-STD 202 Method 208 guaranteed ) Polarity: Marked on case Mounting Position: Any. Weight: 0.2 Ounces (5.6 Grams) Molded Epoxy (UL Flammability Rating 94V-0) ACTUAL SIZE OF SB4 PACKAGE D D1 0.750 19.1 19.3 5.59 2.06 0.061 0.220 0.760 L L1 1.22 1.32 0.048 0.052 15.62 14.38* 15.88 0.615 0.566* 0.625 1.2 1.0 27.94 25.4 n/a n/a n/a n/a n/a n/a 6.4 6.65 0.252 0.262 0.065 2.18 4.57 0.180 A A1 B B1 C SYM MILLIMETERS INCHES MIN MIN MAX MAX MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS T , T I °C Average Forward Rectified Current @ T = 50 C Peak Forward Surge Current. Single 60Hz Half-Sine Wave Superimposed on Rated Load (JEDEC Method) T = 150 C Junction Operating and Storage Temperature Range PARAMETER (TEST CONDITIONS) Maximum DC Blocking Voltage Maximum Peak Recurrent Reverse Voltage Working Peak Reverse Voltage Series Number V V V V SYMBOL AMPS UNITS VOLTS RMS Reverse Voltage Thermal Energy (Rating for Fusing) I t AMPS SEC I V Maximum Forward Voltage (Per Diode) at 4 Amps DC VOLTS VOLTS Minimum Avalanche Voltage Maximum Avalanche Voltage V V Maximum Reverse Current at Rated V @ T = 25 C @T = 125 C I Minimum Insulation Breakdown Voltage (Circuit to Case) V A C/W RATINGS L L1 B B1 D D1 C + _ A A1 SERIES: SB400L - SB410L ASB404L - ASB408L DT SB404L + _ DT SB404L + _ UL RECOGNIZED - FILE #E124962 Typical Thermal Resistance R R Junction to Ambient (Note 1) Junction to Lead (Note 2) RoHS COMPLIANT MECHANICAL DATA |
同様の部品番号 - ASB406L |
|
同様の説明 - ASB406L |