データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L99MOD51XP データシート(PDF) 30 Page - STMicroelectronics

部品番号 L99MOD51XP
部品情報  Multi-output driver for automotive applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MOD51XP データシート(HTML) 30 Page - STMicroelectronics

Back Button L99MOD51XP Datasheet HTML 25Page - STMicroelectronics L99MOD51XP Datasheet HTML 26Page - STMicroelectronics L99MOD51XP Datasheet HTML 27Page - STMicroelectronics L99MOD51XP Datasheet HTML 28Page - STMicroelectronics L99MOD51XP Datasheet HTML 29Page - STMicroelectronics L99MOD51XP Datasheet HTML 30Page - STMicroelectronics L99MOD51XP Datasheet HTML 31Page - STMicroelectronics L99MOD51XP Datasheet HTML 32Page - STMicroelectronics L99MOD51XP Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
Package and packing information
L99MOD51XP
30/33
DS12667 Rev 6
7
Package and packing information
7.1
ECOPACK packages
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK packages, depending on their level of environmental compliance. ECOPACK
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
7.2
PowerSSO-36 package information
Figure 13. PowerSSO-36 package dimensions
Table 20. PowerSSO-36 mechanical data
Symbol
Millimeters
Min.
Typ.
Max.
A
-
-
2.45
A2
2.15
-
2.35
a1
0
-
0.1
b
0.18
-
0.36
c
0.23
-
0.32
D *
10.10
-
10.50
E *
7.4
-
7.6
e
-
0.5
-
e3
-
8.5
-
F
2.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33