| データシートサーチシステム |
|
L99MOD53XP データシート(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L99MOD53XP データシート(HTML) 31 Page - STMicroelectronics |
|
31 / 35 page ![]() DS12617 Rev 5 31/35 L99MOD53XP Package and packing information 34 6 Package and packing information 6.1 ECOPACK In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages, depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product status are available at: www.st.com. ECOPACK is an ST trademark. 6.2 PowerSSO-36 package information Figure 13. PowerSSO-36 package dimensions Table 20. PowerSSO-36 mechanical data Symbol Millimeters Min. Typ. Max. A 2.15 - 2.47 A2 2.15 - 2.40 a1 0 - 0.075 b 0.18 - 0.36 c 0.23 - 0.32 D 10.10 - 10.50 |