| データシートサーチシステム |
|
LSM6DSTX データシート(PDF) 108 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LSM6DSTX データシート(HTML) 108 Page - STMicroelectronics |
|
108 / 175 page ![]() 13.11 FSM_INT2_A (0Fh) INT2 pin control register (R/W) Each bit in this register enables a signal to be carried over INT2. The pin's output supplies the OR combination of the selected signals. Table 247. FSM_INT2_A register INT2_FSM8 INT2_FSM7 INT2_FSM6 INT2_FSM5 INT2_FSM4 INT2_FSM3 INT2_FSM2 INT2_FSM1 Table 248. FSM_INT2_A register description INT2_FSM8(1) Routing FSM8 interrupt event to INT2. Default value: 0 (0: routing to INT2 disabled; 1: routing to INT2 enabled) INT2_FSM7(1) Routing FSM7 interrupt event to INT2. Default value: 0 (0: routing to INT2 disabled; 1: routing to INT2 enabled) INT2_FSM6(1) Routing FSM6 interrupt event to INT2. Default value: 0 (0: routing to INT2 disabled; 1: routing to INT2 enabled) INT2_FSM5(1) Routing FSM5 interrupt event to INT2. Default value: 0 (0: routing to INT2 disabled; 1: routing to INT2 enabled) INT2_FSM4(1) Routing FSM4 interrupt event to INT2. Default value: 0 (0: routing to INT2 disabled; 1: routing to INT2 enabled) INT2_FSM3(1) Routing FSM3 interrupt event to INT2. Default value: 0 (0: routing to INT2 disabled; 1: routing to INT2 enabled) INT2_FSM2(1) Routing FSM2 interrupt event to INT2. Default value: 0 (0: routing to INT2 disabled; 1: routing to INT2 enabled) INT2_FSM1(1) Routing FSM1 interrupt event to INT2. Default value: 0 (0: routing to INT2 disabled; 1: routing to INT2 enabled) 1. This bit is activated if the INT2_EMB_FUNC bit of MD2_CFG (5Fh) is set to 1. LSM6DSTX FSM_INT2_A (0Fh) DS14039 - Rev 1 page 108/175 |