データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LSM6DSTX データシート(PDF) 2 Page - STMicroelectronics

部品番号 LSM6DSTX
部品情報  iNEMO inertial module: always-on 3-axis accelerometer and 3-axis gyroscope with embedded machine learning core
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DSTX データシート(HTML) 2 Page - STMicroelectronics

  LSM6DSTX Datasheet HTML 1Page - STMicroelectronics LSM6DSTX Datasheet HTML 2Page - STMicroelectronics LSM6DSTX Datasheet HTML 3Page - STMicroelectronics LSM6DSTX Datasheet HTML 4Page - STMicroelectronics LSM6DSTX Datasheet HTML 5Page - STMicroelectronics LSM6DSTX Datasheet HTML 6Page - STMicroelectronics LSM6DSTX Datasheet HTML 7Page - STMicroelectronics LSM6DSTX Datasheet HTML 8Page - STMicroelectronics LSM6DSTX Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 175 page
background image
The LSM6DSTX supports main OS requirements, offering real, virtual, and batch sensors with 9 KB for
dynamic data batching. ST’s family of MEMS sensor modules leverages the robust and mature manufacturing
processes already used for the production of micromachined accelerometers and gyroscopes. The various
sensing elements are manufactured using specialized micromachining processes, while the IC interfaces are
developed using CMOS technology that allows the design of a dedicated circuit, which is trimmed to better match
the characteristics of the sensing element.
The LSM6DSTX has a full-scale acceleration range of ±2/±4/±8/±16 g and an angular rate range of
±125/±250/±500/±1000/±2000 dps.
The LSM6DSTX fully supports EIS and OIS applications as the module includes a dedicated configurable signal
processing path for OIS and an auxiliary SPI, configurable for both the gyroscope and accelerometer. The
LSM6DSTX OIS can be configured from the auxiliary SPI and primary interface (SPI / I²C & MIPI I3CSM).
The LSM6DSTX embeds a machine learning core able to identify if a data pattern matches an activity in a
user-defined set of classes, reducing power consumption and increasing performance of the sensor.
High robustness to mechanical shock makes the LSM6DSTX the preferred choice of system designers for the
creation and manufacturing of reliable products. The LSM6DSTX is available in a plastic land grid array (LGA)
package.
LSM6DSTX
DS14039 - Rev 1
page 2/175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More