データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STGIB20M60S-XZ データシート(PDF) 19 Page - STMicroelectronics

部品番号 STGIB20M60S-XZ
部品情報  SLLIMM - 2nd series IPM, 3-phase inverter, 25 A, 600 V short-circuit rugged IGBT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIB20M60S-XZ データシート(HTML) 19 Page - STMicroelectronics

Back Button STGIB20M60S-XZ Datasheet HTML 15Page - STMicroelectronics STGIB20M60S-XZ Datasheet HTML 16Page - STMicroelectronics STGIB20M60S-XZ Datasheet HTML 17Page - STMicroelectronics STGIB20M60S-XZ Datasheet HTML 18Page - STMicroelectronics STGIB20M60S-XZ Datasheet HTML 19Page - STMicroelectronics STGIB20M60S-XZ Datasheet HTML 20Page - STMicroelectronics STGIB20M60S-XZ Datasheet HTML 21Page - STMicroelectronics STGIB20M60S-XZ Datasheet HTML 22Page - STMicroelectronics STGIB20M60S-XZ Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
8.1
SDIP2B-26L type X2 package information
Figure 16. SDIP2B-26L type X2 package outline
8450802_7_type_X2
STGIB20M60S-XZ
Package information
DS13493 - Rev 2
page 19/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com