データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STGIB20M60S-XZ データシート(PDF) 3 Page - STMicroelectronics

部品番号 STGIB20M60S-XZ
部品情報  SLLIMM - 2nd series IPM, 3-phase inverter, 25 A, 600 V short-circuit rugged IGBT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIB20M60S-XZ データシート(HTML) 3 Page - STMicroelectronics

  STGIB20M60S-XZ Datasheet HTML 1Page - STMicroelectronics STGIB20M60S-XZ Datasheet HTML 2Page - STMicroelectronics STGIB20M60S-XZ Datasheet HTML 3Page - STMicroelectronics STGIB20M60S-XZ Datasheet HTML 4Page - STMicroelectronics STGIB20M60S-XZ Datasheet HTML 5Page - STMicroelectronics STGIB20M60S-XZ Datasheet HTML 6Page - STMicroelectronics STGIB20M60S-XZ Datasheet HTML 7Page - STMicroelectronics STGIB20M60S-XZ Datasheet HTML 8Page - STMicroelectronics STGIB20M60S-XZ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Table 1. Pin description
Pin
Symbol
Description
1
NC
-
2
VBOOTu
Bootstrap voltage for U phase
3
VBOOTv
Bootstrap voltage for V phase
4
VBOOTw
Bootstrap voltage for W phase
5
HINu
High-side logic input for U phase
6
HINv
High-side logic input for V phase
7
HINw
High-side logic input for W phase
8
VCCH
High-side low voltage power supply
9
GND
Ground
10
LINu
Low-side logic input for U phase
11
LINv
Low-side logic input for V phase
12
LINw
Low-side logic input for W phase
13
VCCL
Low-side low voltage power supply
14
SD /OD
Shutdown logic input (active low) / open-drain (comparator output)
15
CIN
Comparator input
16
GND
Ground
17
TSO
Temperature sensor output
18
NW
Negative DC input for W phase
19
NV
Negative DC input for V phase
20
NU
Negative DC input for U phase
21
W
W phase output
22
V
V phase output
23
U
U phase output
24
P
Positive DC input
25
NC
-
26
NC
-
STGIB20M60S-XZ
Internal schematic and pin description
DS13493 - Rev 2
page 3/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com