| データシートサーチシステム |
|
MEC1632 データシート(PDF) 36 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MEC1632 データシート(HTML) 36 Page - Microchip Technology |
|
36 / 636 page ![]() MEC1632 DS00001592B-page 36 2012-2018 Microchip Technology Inc. TABLE 3-30: MULTIPLEXING TABLE (5 OF 21) Pin Ref. Number MUX Signal Buffer Type Signal Power Well Emulated Power Well Gated State Notes 33 0 GPIO210 (I/O/OD)-8T mA VTR VTR/VCC No Gate 33 Default: 1 ADC8 I_AN AVTR_ADC AVTR_ADC Low 33 2 Reserved Reserved Reserved Reserved 33 3 Reserved Reserved Reserved Reserved 34 0 GPIO201 (I/O/OD)-8T mA VTR VTR/VCC No Gate 34 Default: 1 ADC1 I_AN AVTR_ADC AVTR_ADC Low 34 2 Reserved Reserved Reserved Reserved 34 3 Reserved Reserved Reserved Reserved 35 0 GPIO211 (I/O/OD)-8T mA VTR VTR/VCC No Gate 35 Default: 1 ADC9 I_AN AVTR_ADC AVTR_ADC Low 35 2 Reserved Reserved Reserved Reserved 35 3 Reserved Reserved Reserved Reserved 36 VTR3 PWR PWR PWR 36 36 36 37 0 GPIO202 (I/O/OD)-8T mA VTR VTR/VCC No Gate 37 Default: 1 ADC2 I_AN AVTR_ADC AVTR_ADC Low 37 2 Reserved Reserved Reserved Reserved 37 3 Reserved Reserved Reserved Reserved 38 0 GPIO212 (I/O/OD)-8T mA VTR VTR/VCC No Gate 38 Default: 1 ADC10 I_AN AVTR_ADC AVTR_ADC Low 38 2 Reserved Reserved Reserved Reserved 38 3 Reserved Reserved Reserved Reserved 39 0 GPIO203 (I/O/OD)-8T mA VTR VTR/VCC No Gate 39 Default: 1 ADC3 I_AN AVTR_ADC AVTR_ADC Low 39 2 Reserved Reserved Reserved Reserved 39 3 Reserved Reserved Reserved Reserved 40 0 GPIO213 (I/O/OD)-8T mA VTR VTR/VCC No Gate 40 Default: 1 ADC11 I_AN AVTR_ADC AVTR_ADC Low 40 2 Reserved Reserved Reserved Reserved 40 3 Reserved Reserved Reserved Reserved |