| データシートサーチシステム |
|
MEC1632 データシート(PDF) 39 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MEC1632 データシート(HTML) 39 Page - Microchip Technology |
|
39 / 636 page ![]() 2012-2018 Microchip Technology Inc. DS00001592B-page 39 MEC1632 TABLE 3-33: MULTIPLEXING TABLE (8 OF 21) Pin Ref. Number MUX Signal Buffer Type Signal Power Well Emulated Power Well Gated State Notes 57 Default: 0 LAD1 PCI_IO VTR VCC No Gate Note 2 57 1 Reserved Reserved Reserved Reserved 57 2 Reserved Reserved Reserved Reserved 57 3 Reserved Reserved Reserved Reserved 58 VTR2 PWR PWR PWR 58 58 58 59 Default: 0 LAD2 PCI_IO VTR VCC No Gate Note 2 59 1 Reserved Reserved Reserved Reserved 59 2 Reserved Reserved Reserved Reserved 59 3 Reserved Reserved Reserved Reserved 60 Default: 0 LAD3 PCI_IO VTR VCC No Gate Note 2 60 1 Reserved Reserved Reserved Reserved 60 2 Reserved Reserved Reserved Reserved 60 3 Reserved Reserved Reserved Reserved 61 Default: 0 GPIO100 (I/O/OD)-8T mA VTR VTR/VCC No Gate 61 1 nEC_SCI OD-8T mA VTR VTR Note 1 61 2 Reserved Reserved Reserved Reserved 61 3 Reserved Reserved Reserved Reserved 62 Default: 0 GPIO011 (I/O/OD)-8T mA VTR VTR/VCC No Gate 62 1 nSMI OD-8T mA VTR VTR 62 2 Reserved Reserved Reserved Reserved 62 3 Reserved Reserved Reserved Reserved 63 Default: 0 GPIO061 (I/O/OD)-8T mA VTR VTR/VCC No Gate 63 1 LPCPD# I VTR VTR Low 63 2 Reserved Reserved Reserved Reserved 63 3 Reserved Reserved Reserved Reserved 64 Default: 0 GPIO050 (I/O/OD)-8T mA VTR VTR/VCC No Gate 64 1 FAN_TACH0 I VTR VTR Low 64 2 Reserved Reserved Reserved Reserved 64 3 Reserved Reserved Reserved Reserved |